データシートサーチシステム |
|
3KP6.5C データシート(PDF) 2 Page - Pan Jit International Inc. |
|
3KP6.5C データシート(HTML) 2 Page - Pan Jit International Inc. |
2 / 6 page RATING AND CHARACTERISTIC CURVES 3KP SERIES 100 10 1.0 0.1 0.1 £gs 1.0 £gs 10 £gs 100 £gs 1.0ms 10ms NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 T A = 25¢J td, PULSE WIDTH, SEC Fig. 1-PEAK PULSE POWER VS PULSE TIME 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, ¢J Fig. 2-DERATING CURVE 150 100 50 0 0 1.0 2.0 3.0 4.0 TA = 25¢J Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp Peak Value Ippm Half Value-Ipp 2 10/1000£gsec Waveform as Defined by R.E.A. e-kt td tf = 10 £gsec t, TIME , ms Fig. 3-PULSE WAVEFORM 20,000 10,000 1,000 100 10 1.0 2.0 10 20 100 200 400 TJ = 25¢J f = 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS MEASURED AT STAND-OFF VOLTAGE(V MW) V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS Fig. 4-TYPICAL CAPACITANCE VS STAND-OFF VOLTAGE 10.0 6.0 4.0 2.0 0 0 25 50 75 100 125 150 175 200 L = 375" (9.5mm) 20mm × 20mm × 1mm CU (0.8" × 0.8" × 0.40") TL, LEAD TEMPERATURE, ¢J Fig. 5-STEADY STATE POWER DERATING 300 250 200 150 100 50 1 2 5 10 20 50 100 TJ = TJ max 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD NUMBER OF CYCLES AT 60Hz Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT |
同様の部品番号 - 3KP6.5C |
|
同様の説明 - 3KP6.5C |