データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF306G データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 UF306G
部品情報  GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF306G データシート(HTML) 1 Page - Pan Jit International Inc.

  UF306G Datasheet HTML 1Page - Pan Jit International Inc. UF306G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF300G THRU UF308G
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 800 Volts
CURRENT - 3.0 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction in DO-201AD package
l
3.0 ampere operation at TA=55 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Ultra Fast switching for high efficiency
MECHANICAL DATA
Case: Molded plastic, DO-201AD
Terminals: axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
UF300G UF301G UF302G UF304G UF306G UF308G UNITS
Peak Reverse Voltage, Repetitive; VRM:
50
100
200
400
600
800
V
Maximum RMS Voltage
35
70
140
280
420
560
V
DC Reverse Voltage; VR
50
100
200
400
600
800
V
Average Forward Current, Io @ TA=55 ¢J 3/8” lead
length, 60 Hz, resistive or inductive load
3.0
A
Peak Forward Surge Current, IFM (surge) 8.3msec.
single half sine wave superimposed on rated
load(JECEC method)
150
A
Maximum Forward Voltage VF @ 3.0A, 25 ¢J
1.00
1.30
1.70
V
Maximum Reverse Current, @ Rated TJ=25 ¢J
Reverse Voltage
TJ=100 ¢J
10.0
300
£g A
£g A
Typical Junction capacitance (Note 1) CJ
75.0
50.0
PF
Typical Junction Resistance (Note 2) R £KJA
60.0
¢J /W
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
50
50
50
100
100
ns
Operating and Storage Temperature Range
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B.
mounted
DO-201AD


同様の部品番号 - UF306G

メーカー部品番号データシート部品情報
logo
Transys Electronics
UF306G TRSYS-UF306G Datasheet
157Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF306G PANJIT-UF306G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
UF306G PANJIT-UF306G Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
logo
Yea Shin Technology Co....
UF306G YEASHIN-UF306G Datasheet
44Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Zibo Seno Electronic En...
UF306G ZSELEC-UF306G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results

同様の説明 - UF306G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PG300R PANJIT-PG300R Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
PG150R PANJIT-PG150R Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
PG200R PANJIT-PG200R Datasheet
54Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
PG600R PANJIT-PG600R Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
1U1G PANJIT-1U1G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
UF100G PANJIT-UF100G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG600A PANJIT-PG600A Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com