データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I-MGBIC-GLX-C データシート(PDF) 2 Page - ATGBICS by Approved Technology

部品番号 I-MGBIC-GLX-C
部品情報  I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATGBICS [ATGBICS by Approved Technology]
ホームページ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GLX-C データシート(HTML) 2 Page - ATGBICS by Approved Technology

  I-MGBIC-GLX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 8Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GLX-C_V1
Page 2 of 9
Product Datasheet
Recommended Operating Environment:
Parameter
Symbol
Min.
Typical
Max.
Unit
Case Operating Temperature
0
+70
°C
Supply Voltage
VCC
3.135
3.465
V
Supply Current
Icc
300
mA
Inrush Current
Isurge
Icc+30
mA
Maximum Power
Pmax
1
W
Electrical Characteristics (TOP = -40 to 85°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Input differential impedance
Rin
90
100
110
Single ended data input swing
Vin PP
250
1200
mVp-p
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
2
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Transmit Disable Assert Time
Tdessert
10
us
Receiver Section:
Single ended data output swing
Vout,pp
250
800
mv
3
LOS Fault
Vlosfault
Vcc – 0.5
VCC_host
V
5
LOS Normal
Vlos norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1. AC coupled.
2. Or open circuit.
3. Into 100-ohm differential termination.
4. 20 – 80 %
5. LOS is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6. All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to
1.5MHz up to specified value applied through the power supply filtering network shown on page 23
of the Small Form-factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA), September
14, 2000.


同様の部品番号 - I-MGBIC-GLX-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

同様の説明 - I-MGBIC-GLX-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC03-C ATGBICS-MGBIC-LC03-C Datasheet
322Kb / 9P
   MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC09-C ATGBICS-MGBIC-LC09-C Datasheet
322Kb / 9P
   MGBIC-LC09 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
BTI-MGBIC-GLX-LC-C ATGBICS-BTI-MGBIC-GLX-LC-C Datasheet
322Kb / 9P
   BTI-MGBIC-GLX-LC Telco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
   SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
   SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SMC1GSFP-LX-C ATGBICS-SMC1GSFP-LX-C Datasheet
322Kb / 9P
   SMC1GSFP-LX SMC Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com