データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I-MGBIC-GTX-C データシート(PDF) 4 Page - ATGBICS by Approved Technology

部品番号 I-MGBIC-GTX-C
部品情報  I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATGBICS [ATGBICS by Approved Technology]
ホームページ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GTX-C データシート(HTML) 4 Page - ATGBICS by Approved Technology

  I-MGBIC-GTX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GTX-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GTX-C_V1
Page 4 of 7
Product Datasheet
+3.3V Volt Electrical Power Interface
The I-MGBIC-GTX-C has an input voltage range of 3.3 V +/- 5%. The 4 V maximum voltage is not allowed
for continuous operation.
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Supply
Current
Is
320
375
mA
1.2W max power over full range of
voltage and temperature. See
caution note below
Input
Voltage
Vcc
3.13
3.3
3.47
V
Referenced to GND
Surge
Current
Isurge
30
mA
Hot plug above steady state
current. See caution note
Caution: Power consumption and surge current are higher than the specified values in the SFP MSA
Table 2. +3.3 Volt electrical power interface
Low-Speed Signals
MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA), are open drain CMOS signals. Both MOD_ DEF(1) and
MOD_DEF(2) must be pulled up to host_Vcc.
Parameter
Symbol
Min.
Max.
Units
Notes/Conditions
SFP Output
LOW
VOL
0
0.5
V
4.7k to 10k pull-up to
host_Vcc.
SFP Output
HIGH
VOH
host_Vcc -
0.5
host_Vcc +
0.3
V
4.7k to 10k pull-up to
host_Vcc.
SFP Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc.
SFP Input
HIGH
2
Vcc + 0.3 V
V
4.7k to 10k pull-up to Vcc.
High-Speed Electrical Interface
Transmission Line-SFP
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Line Frequency
fL
125
MHz
5-level encoding, per IEEE
802.3
Tx Output
Impedance
Zout,TX
100
Ohm
Differential
Rx Input
Impedance
Zin,RX
100
Ohm
Differential
Table 4. High-speed electrical interface, transmission line-SFP


同様の部品番号 - I-MGBIC-GTX-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

同様の説明 - I-MGBIC-GTX-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
MGBIC-02-C ATGBICS-MGBIC-02-C Datasheet
185Kb / 7P
   MGBIC-02 Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
BTI-MGBIC-GTX-C ATGBICS-BTI-MGBIC-GTX-C Datasheet
195Kb / 7P
   BTI-MGBIC-GTX Telco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-100M-COPPER-C ATGBICS-SFP-100M-COPPER-C Datasheet
195Kb / 7P
   SFP-100M-COPPER Lantronix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1G-T-C ATGBICS-SFP-1G-T-C Datasheet
185Kb / 7P
   SFP-1G-T Arista Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GE-RJ45-C ATGBICS-SFP-GE-RJ45-C Datasheet
195Kb / 7P
   SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GIG-T-C ATGBICS-SFP-GIG-T-C Datasheet
185Kb / 7P
   SFP-GIG-T Alcatel Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1GE-T-C ATGBICS-SFP-1GE-T-C Datasheet
195Kb / 7P
   SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-9G-C ATGBICS-SFP-9G-C Datasheet
195Kb / 7P
   SFP-9G Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000T-C ATGBICS-SFP-1000T-C Datasheet
195Kb / 7P
   SFP-1000T ZyXEL Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000BASET-C ATGBICS-SFP-1000BASET-C Datasheet
195Kb / 7P
   SFP-1000BaseT Huawei Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com