データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G02DTT1 データシート(PDF) 3 Page - E-Tech Electronics LTD

部品番号 MC74VHC1G02DTT1
部品情報  Schmitt-Trigger Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MC74VHC1G02DTT1 データシート(HTML) 3 Page - E-Tech Electronics LTD

  MC74VHC1G02DTT1 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1G02DTT1 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1G02DTT1 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1G02DTT1 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VH14–3/4
DC ELECTRICAL CHARACTERISTICS
V CC
T A = 25°C
T A < 85°C –55°C<TA<125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
V T+
Positive Threshold
3.0
1.85
2.0
2.20
2.20
2.20
V
Voltage
4.5
2.86
3.0
3.15
3.15
3.15
5.5
3.50
3.6
3.85
3.85
3.85
V T–
Negative Threshold
3.0
0.9
1.5
1.65
0.9
0.9
V
Voltage
4.5
1.35
2.3
2.46
1.35
1.35
5.5
1.65
2.9
3.05
1.65
1.65
V H
Hysteresis Voltage
3.0
0.30 0.57
1.20
0.30 1.20 0.30
1.20
4.5
0.40 0.67
1.40
0.40 1.40 0.40
1.40
5.5
0.50 0.74
1.60
0.50 1.60 0.50
1.60
V OH
Minimum High–Level
V IN < V T – Min
2.0
1.9
2.0
1.9
1.9
V
Output Voltage
I OH = –50
µA
3.0
2.9
3.0
2.9
2.9
4.5
4.4
4.5
4.4
4.4
I OH = –4 mA
3.0
2.58
2.48
2.34
I OH = –8 mA
4.5
3.94
3.80
3.66
V OL
Maximum Low–Level
V IN > V T + MinL
2.0
0.0
0.1
0.1
0.1
V
Output Voltage
I OL = 50
µA
3.0
0.0
0.1
0.1
0.1
4.5
0.0
0.1
0.1
0.1
I OL = 4 mA
3.0
0.36
0.44
0.52
I OL = 8 mA
4.5
0.36
0.44
0.52
I IN
Maximum Input
V IN = 5.5 V or GND 0 to5.5
±0.1
±1.0
±1.0
µA
Leakage Current
I CC
Maximum Quiescent
V IN = V CC or GND
5.5
2.0
20
40
µA
Supply Current
MC74VHC1G14
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns
T A = 25°C
T A < 85°C –55°C<TA<125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max Unit
t PLH ,
Maximum
V CC = 3.3± 0.3 V
C L = 15 pF
7.0
12.8
1.0
15.0
1.0
17.0
ns
t PHL
Propagation Delay,
C L = 50 pF
8.5
16.3
1.0
18.5
1.0
20.5
Input A to Y
V CC = 5.0± 0.5 V C L = 15 pF
4.0
8.6
1.0
10.0
1.0
11.5
C L = 50 pF
5.5
10.6
1.0
12.0
1.0
13.5
C IN
Maximum Input
5
10
10
10
pF
Capacitance
Typical @ 25°C, V CC = 5.0 V
C PD
Power Dissipation Capacitance (Note 6)
7.0
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without
load. Average operating current can be obtained by the equation: I CC(OPR) = C PD • V CC • f in + I CC
. C
PD is used to determine the no–
load dynamic power consumption; P D = C PD • V CC 2 • f in + I CC • V CC .


同様の部品番号 - MC74VHC1G02DTT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G02DTT1 ONSEMI-MC74VHC1G02DTT1 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
MC74VHC1G02DTT1 ONSEMI-MC74VHC1G02DTT1 Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
79Kb / 6P
   Single 2-Input NOR Gate
April, 2016 ??Rev. 18
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
206Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 19
More results

同様の説明 - MC74VHC1G02DTT1

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
U74AHCT3G14 UTC-U74AHCT3G14 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
Leshan Radio Company
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
   Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74LV14 SLS-SL74LV14 Datasheet
43Kb / 6P
   Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1 Datasheet
198Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
138Kb / 8P
   Hex Schmitt-Trigger Inverter
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com