データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD3522PGK-011 データシート(PDF) 4 Page - PerkinElmer Optoelectronics

部品番号 LD3522PGK-011
部品情報  Low-Cost Digital Linescan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LD3522PGK-011 データシート(HTML) 4 Page - PerkinElmer Optoelectronics

  LD3522PGK-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.perkinelmer.com/opto
Digital Linescan Camera
www. perkinelmer.com/opto
Data and Power
Connectors (cont.)
Parallel LVDS (RS-644) Models:
The communications connector on the
LD3500 is a MDR36 (mini-D-shell)
connector. This 36 pin connector
provides all communications and
controls needed for camera operation.
Power is provided to the LD3500 via a 6
pin, Hirose HR10A circular jack.
Refer to Table 1b for pinout of the
communications and control connector.
Figure 2 provides pinout locations for
this connector
Camera Construction
The camera head is housed in a rugged,
one piece deep drawn aluminum case,
measuring 2.5" H x 2.5" W x 3.2" L
(excluding lens mounts or connector
extensions) specifically designed for
industrial applications. The sensor is
mounted on an aluminum plate that
efficiently transfers heat to the camera
case. The camera is provided with a
standard 1/4"-20 UNC tripod mounting
block, which can be attached to any of the
four sides of the camera. The mounting
holes used to attach the tripod block can
also be used to mount the camera
assembly. Additionally, the CCD sensor is
thermally coupled to the faceplate of the
camera, and the conductive cooling of this
surface is useful in minimizing thermally
generated dark current and noise of the
camera system.
PDP-206.01B - 7/2002W Page 4
Table 1b. Parallel LVDS (RS-644) Connector Pinout
Pin
Signal
Pin
Signal
1
Do not connect
19
Do not connect
2
Gain 0+
20
Gain 0-
3
Inner Shield
21
Inner Shield
4
Gain 1+
22
Gain 1-
5
MCLK+
23
MCLK-
6
LR+
24
LR-
7
LT+
25
LT-
8
Do not connect
26
Do not connect
9
D7+
27
D7-
10
D6+
28
D6-
11
D5+
29
D5-
12
D4+
30
D4-
13
D3+
31
D3-
14
D2+
32
D2-
15
D1+
33
D1-
16
D0+
34
D0-
17
CCLK +
35
CCLK -
18
LEN+
36
LEN-
Pin
Signal
Pin
Signal
1
Inner Shield
14
Inner Shield
2
X0-
15
X0+
3
X1-
16
X1+
4
X2-
17
X2+
5
Xclk-
18
Xclk+
6
X3-
19
X3+
7
SerTC+
20
SerTC-
8
SerTFG-
21
SerTFG+
9
CC1-
22
CC1+
10
CC2+
23
CC2-
11
CC3-
24
CC3+
12
CC4+
25
CC4-
13
Inner Shield
26
Inner Shield
Table 1a. Camera Link Connector Pinout
Optical Interface
The LD3500-series cameras are equipped
with a U-Mount lens interface (MA2-1-
6H) that is aligned to the CCD sensor.
These standard adapters allow the user to
select the optimum lens to suit their
particular application.


同様の部品番号 - LD3522PGK-011

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results

同様の説明 - LD3522PGK-011

メーカー部品番号データシート部品情報
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com