データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV2101 データシート(PDF) 1 Page - E-Tech Electronics LTD

部品番号 MV2101
部品情報  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MV2101 データシート(HTML) 1 Page - E-Tech Electronics LTD

  MV2101 Datasheet HTML 1Page - E-Tech Electronics LTD MV2101 Datasheet HTML 2Page - E-Tech Electronics LTD MV2101 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I6–1/3
CASE
318–08, STYLE 8
SOT– 23 (TO–236AB)
MMBV2101LT1
MMBV2103LT1
MMBV2105LT1
MMBV2107LT1
MMBV2108LT1
MMBV2109LT1
These devices are designed in the popular PLASTIC PACK-
AGE for high volumerequirements of FM Radio and TV tuning and
AFC, general frequency control andtuning applications.They pro-
vide solid–state reliability in replacement of mechanical tuning
methods. Also available in Surface Mount Package up to 33pF.
• High Q
• Controlled and Uniform Tuning Ratio
• Standard Capacitance Tolerance —10%
• Complete Typical Design Curves
Silicon Tuning Diode
MAXIMUM RATINGS(EACH DIODE)
Rating
Symbol
MV21XX MMBV21XXLT1
Unit
Reverse Voltage
V R
30
Vdc
Forward Current
I F
200
mAdc
Device Dissipation @T A = 25°C
P D
280
225
m W
Derate above 25°C
2.8
1.8
mW/°C
Junction Temperature
T J
+150
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBV2101LT1=M4G
MMBV2107LT1=4W
MMBV2103LT1=4H
MMBV2108LT1=4X
MMBV2105LT1=4U
MMBV2109LT1=4J
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V (BR)R
30
Vdc
(IR=1.0
µAdc)
Reverse Voltage Leakage Current
I R
0.1
µAdc
(VR=25Vdc,TA=25°C)
Diode Capacitance Temperature Coefficient
T CC
280
ppm/°C
(VR=4.0Vdc,f=1.0MHz)
6.8-100p
30 VOLTS
VOLTAGE VARIABLE
CAPACITANCE DIODES
3
CATHODE
1
ANODE
1
3
2


同様の部品番号 - MV2101

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MV2101 LRC-MV2101 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
ON Semiconductor
MV2101 ONSEMI-MV2101 Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MV2101 NJSEMI-MV2101 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
logo
Microsemi Corporation
MV21010 MICROSEMI-MV21010 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
logo
ON Semiconductor
MV2101G ONSEMI-MV2101G Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
More results

同様の説明 - MV2101

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com