データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMN400B01-7 データシート(PDF) 7 Page - Diodes Incorporated

部品番号 LMN400B01-7
部品情報  400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN400B01-7 データシート(HTML) 7 Page - Diodes Incorporated

Back Button LMN400B01-7 Datasheet HTML 2Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 3Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 4Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 5Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 6Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 7Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 8Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 9Page - Diodes Incorporated LMN400B01-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS30699 Rev. 5 - 2
7 of 10
LMN400B01
www.diodes.com
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 16 Static Drain-Source On-State Resistance
vs. Junction Temperature
0.5
1
1.5
2
2.5
-75 -50
-25
0
25
50
75
100 125 150
V
= 10V
GS
Pulsed
I = 115mA
D
I = 50mA
D
0.001
0.01
0.1
1
0
0.5
1
1.5
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 17 Reverse Drain Current
vs. Source-Drain Voltage
V
= 5V
GS
Pulsed
T = 150
°C
A
T = 125
°C
A
T = 85
°C
A
T = 25
°C
A
T = -55
°C
A
0.5
1
1.5
2
2.5
0.001
0.01
0.1
1
0
V
, BODY DIODE FORWARD VOLTAGE (V)
SD
Fig. 18 Reverse Drain Current
vs. Body Diode Forward Voltage
=25
C
T = 25°C
A
Pulsed
V = 5V
GS
V = 10V
GS
I , DRAIN CURRENT (A)
D
Fig. 19 Forward Transconductance
vs. Drain Current (V
> I *R
)
DS
D
DS(ON)
0
100
200
300
400
500
600
700
800
900
0
0.2
0.4
0.6
0.8
T=
A
-55
°C
T=
A
25
°C
T=
A
85
°C
T=
A
150
°C
T=
A
125
°C


同様の部品番号 - LMN400B01-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
More results

同様の説明 - LMN400B01-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
Richtek Technology Corp...
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
   N-MOSFET Load Switch Controller
logo
Fairchild Semiconductor
FDR8321L FAIRCHILD-FDR8321L Datasheet
222Kb / 8P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
logo
Global Mixed-mode Techn...
G5938 GMT-G5938 Datasheet
33Kb / 1P
   N-MOSFET Load Switch Controller with Discharge Paths
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com