データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMN400E01-7 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 LMN400E01-7
部品情報  400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN400E01-7 データシート(HTML) 2 Page - Diodes Incorporated

  LMN400E01-7 Datasheet HTML 1Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 2Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 3Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 4Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 5Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 6Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 7Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 8Page - Diodes Incorporated LMN400E01-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS30750 Rev. 4 - 2
2 of 10
LMN400E01
www.diodes.com
@ TA = 25
°C unless otherwise specified
Maximum Ratings:
Sub-Component Device: Pre-Biased PNP Transistor (Q1)
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Supply Voltage
Vcc
-50
V
Input Voltage
Vin
+5 to -6
V
Output Current
IC
-400
mA
Sub-Component Device:
ESD Protected N-Channel MOSFET (Q2)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Drain Gate Voltage (RGS
≤1MOhm)
VDGR
60
V
Gate-Source Voltage
Continuous
VGSS
+/-20
V
Pulsed (tp<50 uS)
+/-40
Drain Current (Page 1: Note 3)
Continuous (Vgs = 10V)
ID
300
mA
Pulsed (tp <10 uS, Duty Cycle <1%)
800
Continuous Source Current
IS
300
mA


同様の部品番号 - LMN400E01-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
More results

同様の説明 - LMN400E01-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
LMN400B01 DIODES-LMN400B01 Datasheet
557Kb / 10P
   400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
S30699 Rev. 5 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com