データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD070-HL1-300 データシート(PDF) 2 Page - ANADIGICS, Inc

部品番号 PD070-HL1-300
部品情報  High Performance Analog Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANADIGICS [ANADIGICS, Inc]
ホームページ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD070-HL1-300 データシート(HTML) 2 Page - ANADIGICS, Inc

  PD070-HL1-300 Datasheet HTML 1Page - ANADIGICS, Inc PD070-HL1-300 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD070-HL1
Rev 1.0
2
Table 2: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Forward Current
-
5
mA
Reverse Current
-
250
μA
Reverse Voltage
-
30
V
Optical input power
-
5
mW
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-40
+85
ºC
Soldering temperature (10 seconds)
-
+250
ºC
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied
under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
PIN LOCATIONS – Standard
Dimensions: INCHES [mm]
ORDERING INFORMATION
Table 3: Standard
Part Number
Options
PD070-HL1-300
SC/APC pigtail, 1 meter SMF-28 fiber, 3 pin
PD070-HL1-520
SC/APC receptacle, 3 pin
Table 4: Custom
Part Number
Options
PD070-HL1-3xx
Number of pins: 2, 3
Fiber length: 0.5 meter, 1.0 meter
Fiber type: Single mode (SMF-28) or custom supplied
Connector Type: SC, ST or FC. APC or UPC
PD070-HL1-5xx
Number of pins: 2, 3
Connector Type: SC, ST or FC. Aligned for APC or UPC
Please contact Anadigics for the specific part number and pinout that suits your needs
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.


同様の部品番号 - PD070-HL1-300

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
PD070-HL2 ANADIGICS-PD070-HL2 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL2-300 ANADIGICS-PD070-HL2-300 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL2-3XX ANADIGICS-PD070-HL2-3XX Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL2-520 ANADIGICS-PD070-HL2-520 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL2-5XX ANADIGICS-PD070-HL2-5XX Datasheet
178Kb / 2P
   High Performance Analog Photodiode
More results

同様の説明 - PD070-HL1-300

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
PD070-HL2 ANADIGICS-PD070-HL2 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
logo
Eudyna Devices Inc
FID3S1HX EUDYNA-FID3S1HX Datasheet
270Kb / 6P
   Analog PIN Photodiode
FID3S2KX EUDYNA-FID3S2KX Datasheet
153Kb / 4P
   Analog PIN Photodiode
logo
Advanced Photonix, Inc.
SD100-14-21-021 ADVANCEDPHOTONIX-SD100-14-21-021 Datasheet
98Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD200-14-21-041 ADVANCEDPHOTONIX-SD200-14-21-041 Datasheet
96Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD057-14-21-011 ADVANCEDPHOTONIX-SD057-14-21-011 Datasheet
143Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-14-21-041 LUNA-SD200-14-21-041 Datasheet
188Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
SD100-14-21-021 LUNA-SD100-14-21-021 Datasheet
193Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD445-14-21-305 ADVANCEDPHOTONIX-SD445-14-21-305 Datasheet
94Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD172-14-21-021 ADVANCEDPHOTONIX-SD172-14-21-021 Datasheet
96Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com