データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VTD34F データシート(PDF) 1 Page - PerkinElmer Optoelectronics

部品番号 VTD34F
部品情報  Alternate Source/ Second Source Photodiodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTD34F データシート(HTML) 1 Page - PerkinElmer Optoelectronics

  VTD34F Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
74
Alternate Source/
Second Source Photodiodes
VTD34F
(BPW34F INDUSTRY EQUIVALENT)
PRODUCT DESCRIPTION
Planar silicon photodiode in a molded plastic
package. The package material filters out visible light
but passes infrared. Suitable for direct mounting to
P.C.B. Arrays can be formed by positioning these
devices side by side. The photodiodes are designed
to provide excellent sensitivity at low levels of
irradiance.
PACKAGE DIMENSIONS inch (mm)
CASE 22
MINI DIP
CHIP ACTIVE AREA: .012 in2 (7.45 mm2)
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
-20°C to 80°C
Operating Temperature:
-20°C to 80°C
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
VTD34F
UNITS
Min.
Typ.
Max.
Re
Responsivity
0.5 mW/cm2, 940 nm
15
µA
VOC
Open Circuit Voltage
0.5 mW/cm2, 940 nm
275
350
mV
TC VOC
VOC Temperature Coefficient
2850 K
-2.0
mV/°C
ID
Dark Current
H = 0, VR = 10 V
2
30
nA
CJ
Junction Capacitance
@ 1 MHz, VR = 0 V
60
pF
tR/tF
Rise/Fall Time @ 1 k
Ω Lead
VR = 10 V, 833 nm
50
nsec
SR
Sensitivity
@ Peak
0.60
A/W
λ
range
Spectral Application Range
725
1150
nm
λ
p
Spectral Response - Peak
940
nm
VBR
Breakdown Voltage
40
V
θ
1/2
Angular Resp.-50% Resp. Pt.
±50
Degrees
NEP
Noise Equivalent Power
4.8 x 10-14
D*
Specific Detectivity
5.7 x 1012
/ W
WHz
cm Hz
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


同様の部品番号 - VTD34F

メーカー部品番号データシート部品情報
logo
PerkinElmer Optoelectro...
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
More results

同様の説明 - VTD34F

メーカー部品番号データシート部品情報
logo
PerkinElmer Optoelectro...
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
Analog Devices
ADEL2020 AD-ADEL2020_15 Datasheet
202Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com