データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF321CO3K-28V-BP データシート(PDF) 1 Page - LEDTRONICS, INC

部品番号 BF321CO3K-28V-BP
部品情報  Single Contact Type Miniature BaseLED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDTRONICS [LEDTRONICS, INC]
ホームページ  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BF321CO3K-28V-BP データシート(HTML) 1 Page - LEDTRONICS, INC

  BF321CO3K-28V-BP Datasheet HTML 1Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Numbering System Guide
Part Numbering System Guide
321 = 9mm Bay,
1 chip
200 = 5mm 1 chip
3127 = 9mm Bay,
7-LED
467 = S6 Candelabra,
7-LED
Single Contact Type Miniature BaseLED Lamps
28V
BP
Submidget Flange 3mm
Midget Flange 5mm
Midget Screw 5mm
Midget Grooved 5mm
Bayonet 9mm
Candelabra Screw S6
Bayonet 9mm
15mm SC Bayonet Based LEDs
B304
B276
B206
F154
European Flanged & Bayonet
BM607
SLF467
SL464
F124
F121
F122
G206
F206
S206
FF200
F200
SF200
S200
GF200
G200
B321
BF321
B3127
B307
BF307
B609
LED Lens
Type
LED/Chip
Brightness Code
Standard Operating
Voltage
(Examples)
Options
(Examples)
BP = Bipolar
AC/DC
P = Center Contact
Positive
N = Center Contact
Negative
AC = AC Only
Electrical
Characteristics
Polarity
Color Code
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: http://www.ledtronics.com
RSLF467
1.7VF
2VF
3.5VF
5VDC
6VDC
12VDC
14VDC
24VDC
28VDC
36VDC
48VDC
120VDC
120VAC
130VDC
240VAC
Series
Base Type
C = Clear
Notes:
*
*
*
R= Red
O = Orange
A
= Amber
Y
= Yellow
IW = Incand White
PW= Pale White
W = Cool White
G = HE Green
PG = Pure Green
AG = Aqua Green
BG = Blue Green
B
= Blue
UB = Blue 430nm
IR = Infrared
(Examples)
F = Flange
B = Bayonet
S = Screw
321
B F
LED & Part Height
Characteristics
(Examples)
No. of LEDs & base
OD characteristics
(Examples)
(Examples)
*
1. Contact local salesman to determine best
style for each application
2. (*) LED type and style, Lens type and style,
LED brightness code determined by factory
based on application
3. Not all possible combinations of color,voltage
and polarity are available
6-chip LEDs
R6
= HE Red (635nm)
R7
= UL Red (660nm)
Y3K = SP Yel (595nm)
1-chip LEDs
R3K = UL Red (660nm)
O3K = SP Org (610nm)
Y3K = SP Yel (595nm)
W4K = Cool White
IW2K = Incand White
AG6K= SP Green (525nm)
B1K = SP Blue (470nm)
Infrared LEDs
881
= Hi-Power (880nm)
941
= Hi-Power (941nm)
F = Flat Top 120˚ LED
M = Medium Height
L = Long Height
S = Short
3
R
C3
BF
1
2
K


同様の部品番号 - BF321CO3K-28V-BP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BF3216-20B ETC2-BF3216-20B Datasheet
427Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
More results

同様の説明 - BF321CO3K-28V-BP

メーカー部品番号データシート部品情報
logo
LEDTRONICS, INC
5SB206CR6-28V-BP LEDTRONICS-5SB206CR6-28V-BP Datasheet
121Kb / 1P
   Double Contact Type Miniature BaseLED Lamps
logo
List of Unclassifed Man...
5SB206 ETC1-5SB206 Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
logo
Dialight Corporation
586-4605-802 DIALIGHT-586-4605-802 Datasheet
88Kb / 1P
   LED Replacement Lamps Single Contact Bayonet Base
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
Gilway Technical Lamp
H714 GILWAY-H714 Datasheet
63Kb / 1P
   Holders for Miniature Bi-Pin Lamps
logo
Chicago Miniature Lamp,...
CM1317 CML-CM1317 Datasheet
142Kb / 1P
   B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base
logo
Vishay Siliconix
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
   Thin Film, Top-Contact Miniature Resistor
Revision: 26-Jan-15
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com