データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2131FN データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TA2131FN
部品情報  Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2131FN データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2131FN Datasheet HTML 4Page - Toshiba Semiconductor TA2131FN Datasheet HTML 5Page - Toshiba Semiconductor TA2131FN Datasheet HTML 6Page - Toshiba Semiconductor TA2131FN Datasheet HTML 7Page - Toshiba Semiconductor TA2131FN Datasheet HTML 8Page - Toshiba Semiconductor TA2131FN Datasheet HTML 9Page - Toshiba Semiconductor TA2131FN Datasheet HTML 10Page - Toshiba Semiconductor TA2131FN Datasheet HTML 11Page - Toshiba Semiconductor TA2131FN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TA2131FN
2002-04-19
8
<Principle of Low-Pass Compensation>
The low-pass component alone is extracted from the composite signal of PWA/PWB output, and that
frequency signal is fed back to PWA/PWB once more via the inversion amplifier, thereby making it
possible to increase the gain only of the low-pass component. The frequency characteristics of the
power amplifier output V (OUT) in this state are shown in Fig.4 (b). In practice they are the
frequency characteristics (c) viewed from load terminal V (RL), and the low-pass is compensated
relative to the state in (a).
2-2.
Low-Pass Compensation Condenser and Crosstalk
In this low-pass compensation condenser circuit, processing is carried out using the composite
signal of power amplifier output, so this affects crosstalk, according to the amount of compensation.
f characteristics and crosstalk generated by the capacity of the condenser for compensation (2-pin) are
shown below.
f
(Hz)
(b)
(c)
(a)
1
10
100
1 k
10 k
100 k
0
10
20
-20
-10
Figure 4
Power Amplifier Frequency Characteristics
VCC1 = 2.8 V
VCC2 = 1.2 V
Rg = 620 W
RL = 16 W
Filter: LPF 80 kHz
Output C
= 220 mF
10
0
-10
10
30
100
300
1 k
3 k
10 k
30 k
C
= 0.47 mF
C
= 2.2 mF
C
= 1 mF
Vref short
f
(Hz)
Figure 5
Condenser and f Characteristics for Low-Pass Compensation


同様の部品番号 - TA2131FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results

同様の説明 - TA2131FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com