データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL1301 データシート(PDF) 1 Page - Texas Instruments

部品番号 TSL1301
部品情報  102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSL1301 データシート(HTML) 1 Page - Texas Instruments

  TSL1301 Datasheet HTML 1Page - Texas Instruments TSL1301 Datasheet HTML 2Page - Texas Instruments TSL1301 Datasheet HTML 3Page - Texas Instruments TSL1301 Datasheet HTML 4Page - Texas Instruments TSL1301 Datasheet HTML 5Page - Texas Instruments TSL1301 Datasheet HTML 6Page - Texas Instruments TSL1301 Datasheet HTML 7Page - Texas Instruments TSL1301 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSL1301
102
× 1 LINEAR SENSOR ARRAY
WITH HOLD
SOES031A – NOVEMBER 1996 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 102 × 1 Sensor-Element Organization
D 300 Dots-Per-Inch (DPI) Sensor Pitch
D High Sensitivity
D Output Referenced to Ground
D Excellent High-Temperature Dark Signal
Characteristics
D Operation to 2 MHz
D Single 5-V Supply
description
The TSL1301 linear sensor array consists of a 102
× 1 array of photodiodes, associated charge amplifier
circuitry, and a pixel data-hold function that provides simultaneous-integration start and stop times for all pixels.
The pixels measure 85
µm by 77 µm with 85-µm center-to-center spacing and 8-µm spacing between pixels.
Operation is simplified by internal control logic that requires only a serial-input pulse (SI) and a clock.
The TSL1301 is intended for use in a wide variety of applications including mark and code reading, OCR and
contact imaging, edge detection and positioning, and optical encoding.
functional block diagram
1
2
SI
CLK
102-Bit Shift Register
Q102
Switch Control Logic
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
102
Pixel
3
Sample/Hold/
Output
Analog
Bus
Output
Amplifier
6,7
Gain
Trim
Q3
Q2
Q1
VDD
4
3
RL
(External
Load)
AO
Hold
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
SI
CLK
AO
VDD
NC
GND
GND
NC
(TOP VIEW)
NC – No internal connection


同様の部品番号 - TSL1301

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL13 TAOS-TSL13 Datasheet
214Kb / 14P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-100K5R1 ETC-TSL1315-100K5R1 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-101K2R5 ETC-TSL1315-101K2R5 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-102JR78 ETC-TSL1315-102JR78 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

同様の説明 - TSL1301

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
   256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSLW1401R TAOS-TSLW1401R Datasheet
125Kb / 10P
   EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com