データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZT900K データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZT900K
部品情報  SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT900K データシート(HTML) 1 Page - Central Semiconductor Corp

  CZT900K Datasheet HTML 1Page - Central Semiconductor Corp CZT900K Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT900K
type is an NPN silicon Darlington transistor man-
ufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
applications requiring extremely high gain.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
1.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
100
nA
BVCBO
IC=10µA
50
V
BVCEO
IC=10mA
25
V
BVEBO
IE=100µA
10
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
900,000
hFE
VCE=5.0V, IC=100mA
900,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
CZT900K
SURFACE MOUNT
NPN EXTREMELY HIGH hFE
SILICON DARLINGTON TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (17-June 2004)


同様の部品番号 - CZT900K

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_15 Datasheet
751Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT955 CENTRAL-CZT955 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
More results

同様の説明 - CZT900K

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT250K CENTRAL-CZT250K_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH hFE NPN SILICON DARLINGTON TRANSISTOR
CZT250K CENTRAL-CZT250K Datasheet
73Kb / 2P
   SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
   NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
CMPTA44 CENTRAL-CMPTA44_10 Datasheet
327Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA46 CENTRAL-CZTA46 Datasheet
107Kb / 2P
   SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_15 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CMPTA44 CENTRAL-CMPTA44_15 Datasheet
327Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_10 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA44 CENTRAL-CZTA44_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com