データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4003ST データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 1N4003ST
部品情報  SILICON RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4003ST データシート(HTML) 2 Page - EIC discrete Semiconductors

  1N4003ST Datasheet HTML 1Page - EIC discrete Semiconductors 1N4003ST Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N4003ST )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( ฐC)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 31, 2005
0.8
0.6
0.4
0.2
1.0
10
1.0
24
0
30
0
18
12
6
1.0
80
0.1
0.01
10
0.1
100
140
020
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25 ฐC
Ta = 100 ฐC
TJ = 25 ฐC
Ta = 25 ฐC
Pulse Width = 300 ตs
2% Duty Cycle
0.01


同様の部品番号 - 1N4003ST

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4003S PANJIT-1N4003S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1N4003S DGNJDZ-1N4003S Datasheet
273Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Diotech Company.
1N4003S DIOTECH-1N4003S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4003S CTC-1N4003S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Transys Electronics
1N4003S TRSYS-1N4003S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

同様の説明 - 1N4003ST

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE506 NTE-NTE506 Datasheet
15Kb / 1P
   Silicon Rectifier Diode
logo
SEMTECH ELECTRONICS LTD...
RN2Z SEMTECH_ELEC-RN2Z Datasheet
186Kb / 1P
   SILICON RECTIFIER DIODE
logo
SiPower Inc.
SPAL1210 SIPOWER-SPAL1210 Datasheet
365Kb / 3P
   Silicon Rectifier Diode
logo
Sanken electric
FMX-12S SANKEN-FMX-12S Datasheet
206Kb / 4P
   Silicon Rectifier Diode
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
   Silicon Rectifier Diode
RM1Z SANKEN-RM1Z Datasheet
207Kb / 3P
   Silicon Rectifier Diode
RM10Z SANKEN-RM10Z Datasheet
214Kb / 3P
   Silicon Rectifier Diode
logo
SiPower Inc.
SPAL1012 SIPOWER-SPAL1012 Datasheet
365Kb / 3P
   Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
10EDA20 EIC-10EDA20 Datasheet
114Kb / 2P
   SILICON RECTIFIER DIODE
logo
Sanken electric
EM01A SANKEN-EM01A Datasheet
182Kb / 3P
   Silicon Rectifier Diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com