データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6293L データシート(PDF) 3 Page - EIC discrete Semiconductors

部品番号 1N6293L
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N6293L データシート(HTML) 3 Page - EIC discrete Semiconductors

  1N6293L Datasheet HTML 1Page - EIC discrete Semiconductors 1N6293L Datasheet HTML 2Page - EIC discrete Semiconductors 1N6293L Datasheet HTML 3Page - EIC discrete Semiconductors 1N6293L Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
μA)
(A)
(V)
(% /
°C)
TYPE
1N6289L
50.4
61.6
1.0
45.4
5.0
18.6
80.5
0.103
1N6289AL
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
1N6290L
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
1N6290AL
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1N6291L
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1N6291AL
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1N6292L
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1N6292AL
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1N6293L
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1N6293AL
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1N6294L
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1N6294AL
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1N6295L
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1N6295AL
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1N6296L
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1N6296AL
105
116
1.0
94.0
5.0
9.9
152
0.107
1N6297L
108
132
1.0
97.2
5.0
8.7
173
0.107
1N6297AL
114
126
1.0
102
5.0
9.1
165
0.107
1N6298L
117
143
1.0
105
5.0
8.0
187
0.107
1N6298AL
124
137
1.0
111
5.0
8.4
179
0.107
1N6299L
135
165
1.0
121
5.0
7.0
215
0.108
1N6299AL
143
158
1.0
128
5.0
7.2
207
0.108
1N6300L
144
176
1.0
130
5.0
6.5
230
0.108
1N6300AL
152
168
1.0
136
5.0
6.8
219
0.108
1N6301L
153
187
1.0
138
5.0
6.2
244
0.108
1N6301AL
162
179
1.0
145
5.0
6.4
234
0.108
1N6302L
162
198
1.0
146
5.0
5.8
258
0.108
1N6302AL
171
189
1.0
154
5.0
6.1
246
0.108
1N6303L
180
220
1.0
162
5.0
5.2
287
0.108
1N6303AL
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300
μs., It = square wave pulse or equivalen
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2square or equivalent sine wave
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
Page 3 of 4
Rev. 03 : March 31, 2005


同様の部品番号 - 1N6293L

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6293 TRSYS-1N6293 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6293 VISHAY-1N6293 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
SUNMATE electronic Co.,...
1N6293 SUNMATE-1N6293 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Dc Components
1N6293 DCCOM-1N6293 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6293 CHONGQING-1N6293 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6293L

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com