データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6301CAL データシート(PDF) 4 Page - EIC discrete Semiconductors

部品番号 1N6301CAL
部品情報  BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N6301CAL データシート(HTML) 4 Page - EIC discrete Semiconductors

  1N6301CAL Datasheet HTML 1Page - EIC discrete Semiconductors 1N6301CAL Datasheet HTML 2Page - EIC discrete Semiconductors 1N6301CAL Datasheet HTML 3Page - EIC discrete Semiconductors 1N6301CAL Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N6267CL - 1N6303CAL )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
Page 4 of 4
Rev. 03 : March 31, 2005
80
60
40
20
120
5.00
100
10
0
1.25
3.75
0
0.1
2.50
1.0
tp, PULSE WIDTH
100
100
125
175
0
25
50
75
150
0.1
μs
1.0
μs10μs
100
μs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
tp
50
100
0
Tr = 10
μs
Peak Value
IRSM
Half Value - IRSM
T, TIME(ms)
1.0
2.0
3.0
4.0
0
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
Single Phase Half Wave
60 Hz Resistive or Inductive load


同様の部品番号 - 1N6301CAL

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
1N6301CAL LEIDITECH-1N6301CAL Datasheet
236Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6301CAL

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
3KE13C EIC-3KE13C Datasheet
72Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SA5.0C NJSEMI-SA5.0C Datasheet
197Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6267C EIC-1N6267C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6KE68CS EIC-P6KE68CS Datasheet
79Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1N6267CL LEIDITECH-1N6267CL Datasheet
236Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50C EIC-SMBJ50C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com