データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX79C39 データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 BZX79C39
部品情報  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX79C39 データシート(HTML) 1 Page - EIC discrete Semiconductors

  BZX79C39 Datasheet HTML 1Page - EIC discrete Semiconductors BZX79C39 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX79C Series
ZENER DIODES
VZ : 2.4 to 75V
PD : 500mW
FEATURES :
• Higher zener voltages available on request.
• Standard zener voltage tolerance is
± 5%
• Other tolerances are available upon request.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Forward Voltage at IF = 10 mA.
VF
0.9
V
Power Dissipation at TL = 25°C
PD
500
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Continuous Forward Current
IF
250
mA
Peak reverse power dissipation (non-repetitive)
tp = 100
µs square wave
Junction temperature
TJ
-65 to + 200
°C
Storage temperature range
TS
-65 to + 200
°C
Note:
(1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature.
Page 1 of 2
Rev. 02 : March 25, 2005
Parameter
PZSM
40
W
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


同様の部品番号 - BZX79C39

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BZX79C39 FAIRCHILD-BZX79C39 Datasheet
47Kb / 5P
   Zeners
logo
Zibo Seno Electronic En...
BZX79C39 ZSELEC-BZX79C39 Datasheet
70Kb / 3P
   500mW Silicon Planar Pow
logo
First Components Intern...
BZX79C39 FCI-BZX79C39 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Micro Commercial Compon...
BZX79C39 MCC-BZX79C39 Datasheet
235Kb / 5P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZX79C39 TSC-BZX79C39 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - BZX79C39

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com