データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD101B データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 SD101B
部品情報  SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD101B データシート(HTML) 2 Page - EIC discrete Semiconductors

  SD101B Datasheet HTML 1Page - EIC discrete Semiconductors SD101B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SD101A - SD101C )
Typical variation of forward current
Typical forward conduction curve
and forward voltage for primary conduction
of combination Schottky barrier
through the schottky barrier
and PN junction guard ring
Typical capacitance curve as a
Typical variation of reverse current
function of reverse Voltage
at various temperatures
Page 2 of 2
Rev. 02 : March 24, 2005
0
10
20
30
40
50
Reverse Voltage , VR (V)
0
1
2
Tj = 25
°C
0
0.5
1
Forward Voltage , VF (V)
0
60
100
20
40
80
0.01
1
0
0.5
1
Forward Voltage , VF (V)
10
0.1
0.05
0.02
0.2
0.5
2
5
Reverse Voltage , VR (V)
0
10
20
30
40
50
0.01
1
100
0.02
0.1
10
0.05
0.2
0.5
2
5
20
50
Ta = 125
°C
Ta = 25
°C
SD101A
SD101B
SD101C
SD101A
SD101B
SD101C
SD101A
SD101B
SD101C


同様の部品番号 - SD101B

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SD101B SEMTECH-SD101B Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
Jinan Jingheng (Group) ...
SD101B JINANJINGHENG-SD101B Datasheet
95Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Diodes Incorporated
SD101B DIODES-SD101B Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Micro Commercial Compon...
SD101B MCC-SD101B Datasheet
322Kb / 4P
   Small Signal Schottky Diodes
logo
General Semiconductor
SD101B GE-SD101B Datasheet
107Kb / 3P
   Schottky Diodes
More results

同様の説明 - SD101B

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com