データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0100 データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 Z0100
部品情報  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

Z0100 データシート(HTML) 1 Page - EIC discrete Semiconductors

  Z0100 Datasheet HTML 1Page - EIC discrete Semiconductors Z0100 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z043 - Z0200
SILICON ZENER DIODES
VZ : 43 - 200 Volts
PD : 0.5 Watt
FEATURES :
* Complete voltage range 43 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
MECHANICAL DATA
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 50
°C (Note1)
PD
0.5
Watt
Maximum Forward Voltage at IF = 200 mAVF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
170
K / W
Junction Temperature RangeTJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Notes :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
Page 1 of 2
Rev. 02 : March 25, 2005
0.
1
0.2
0.3
0.4
0.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


同様の部品番号 - Z0100

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
Z0100A EIC-Z0100A Datasheet
104Kb / 2P
   SILICON ZENER DIODES
Z0100B EIC-Z0100B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
More results

同様の説明 - Z0100

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com