データシートサーチシステム |
|
74ABT161543 データシート(PDF) 7 Page - NXP Semiconductors |
|
74ABT161543 データシート(HTML) 7 Page - NXP Semiconductors |
7 / 12 page Philips Semiconductors Product specification 74ABT161543 74ABTH161543 16-bit latched transceiver with dual enable and master reset (3-State) 1998 Feb 27 7 AC CHARACTERISTICS GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω LIMITS SYMBOL PARAMETER WAVEFORM Tamb = +25oC VCC = +5.0V Tamb = –40 to +85oC VCC = +5.0V ±0.5V UNIT MIN TYP MAX MIN MAX tPLH tPHL Propagation delay nAx to nBx, nBx to nAx 2 1.2 1.0 2.5 2.2 3.4 2.9 1.2 1.0 3.9 3.5 ns tPLH tPHL Propagation delay LEBA to nAx, LEAB to nBx 1 2 1.2 1.2 3.0 2.6 4.1 3.5 1.2 1.2 5.1 4.1 ns tPHL MRba to nAx, MRab to nBx 6 1.2 2.6 3.4 1.2 4.2 ns tPZH tPZL Output enable time OEBA to nAx, OEAB to nBx 4 5 1.4 1.4 3.3 3.4 4.4 4.4 1.4 1.4 5.5 5.6 ns tPHZ tPLZ Output disable time OEBA to nAx, OEAB to nBx 4 5 1.4 1.4 3.5 2.7 4.8 3.5 1.4 1.4 5.4 4.0 ns tPZH tPZL Output enable time EBA to nAx, EAB to nBx 4 5 1.4 1.4 3.4 3.5 4.4 4.4 1.4 1.4 5.6 5.7 ns tPHZ tPLZ Output disable time EBA to nAx, EAB to nBx 4 5 1.3 1.3 3.5 2.7 4.4 3.5 1.3 1.3 5.4 4.0 ns AC SETUP REQUIREMENTS GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω LIMITS SYMBOL PARAMETER WAVEFORM Tamb = +25oC VCC = +5.0V Tamb = –40 to +85oC VCC = +5.0V ±0.5V UNIT MIN TYP MIN ts(H) ts(L) Setup time nAx to LEAB, nBx to LEBA 3 1.5 2.0 –0.3 0.1 1.5 2.0 ns th(H) th(L) Hold time nAx to LEAB, nBx to LEBA 3 1.5 2.0 –0.1 0.1 1.5 2.0 ns ts(H) ts(L) Setup time nAx to EAB, nBx to EBA 3 1.5 2.0 –0.1 0.2 1.5 2.0 ns th(H) th(L) Hold time nAx to EAB, nBx to EBA 3 1.5 2.0 –0.1 –0.1 1.5 2.0 ns tw(L) Latch enable pulse width, Low 3 4.0 2.0 4.0 ns tw(L) MR Pulse width, Low 6 3.0 1.0 3.0 ns |
同様の部品番号 - 74ABT161543 |
|
同様の説明 - 74ABT161543 |