データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLZ11 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TLZ11
部品情報  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ11 データシート(HTML) 1 Page - Vishay Siliconix

  TLZ11 Datasheet HTML 1Page - Vishay Siliconix TLZ11 Datasheet HTML 2Page - Vishay Siliconix TLZ11 Datasheet HTML 3Page - Vishay Siliconix TLZ11 Datasheet HTML 4Page - Vishay Siliconix TLZ11 Datasheet HTML 5Page - Vishay Siliconix TLZ11 Datasheet HTML 6Page - Vishay Siliconix TLZ11 Datasheet HTML 7Page - Vishay Siliconix TLZ11 Datasheet HTML 8Page - Vishay Siliconix TLZ11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-JAug-02
1 (9)
www.vishay.com
Document Number 85635
Z–Diodes
Features
D Very sharp reverse characteristic
D Low reverse current level
D Available with tighter tolerances
D Very high stability
D Low noise
D Silicon Epitaxial Planar
D High reliability
Applications
Voltage stabilization
Order Instruction
Type
Ordering Code
Remarks
TLZ2V4
TLZ2V4–GS08
Tape and Reel (2.500 pcs)
TLZ2V4
TLZ2V4–GS18
Tape and Reel (10.000 pcs)
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJAx300K/W
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50 mmx50 mmx1.6 mm
RthJA
500
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


同様の部品番号 - TLZ11

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ11A VISHAY-TLZ11A Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ11A VISHAY-TLZ11A Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

同様の説明 - TLZ11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com