データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1084-25T43U データシート(PDF) 3 Page - Global Mixed-mode Technology Inc

部品番号 G1084-25T43U
部品情報  5A Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-25T43U データシート(HTML) 3 Page - Global Mixed-mode Technology Inc

  G1084-25T43U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-25T43U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 0.6 Preliminary
Apr 27, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G1084-XX
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VIN-VOUT = 3V, CIN = 220µF, COUT = 220µF, TA=25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (Hz)
I
L=1A
I
L=2A
I
L=3A
Line Transient Response
Load Transient Response
Short Circuit Current
Ripple Rejection
G1084-33 Overcurrent
Protection Characteristics
G1084 Start-up


同様の部品番号 - G1084-25T43U

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1084-25T43U GMT-G1084-25T43U Datasheet
342Kb / 9P
   5A Low-Dropout Linear Regulator
G1084-25T43UF GMT-G1084-25T43UF Datasheet
342Kb / 9P
   5A Low-Dropout Linear Regulator
More results

同様の説明 - G1084-25T43U

メーカー部品番号データシート部品情報
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com