データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1085-18T53U データシート(PDF) 8 Page - Global Mixed-mode Technology Inc

部品番号 G1085-18T53U
部品情報  3A Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085-18T53U データシート(HTML) 8 Page - Global Mixed-mode Technology Inc

  G1085-18T53U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 0.5 Preliminary
Nov 12, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G1085-XX
Global Mixed-mode Technology Inc.
TO-263 (T5) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
A1
1.22
1.32
0.048
0.055
A2
2.45
2.69
0.104
0.106
b
0.69
0.94
0.027
0.037
b1
1.22
1.40
0.048
0.055
C
0.36
0.56
0.014
0.022
D
8.64
9.652
0.340
0.380
E
9.70
10.54
0.382
0.415
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
H
14.60
15.78
0.575
0.625
L
4.70
5.84
0.185
0.230
L1
1.20
1.778
0.047
0.070
L2
2.24
2.84
0.088
0.111
L3
1.40MAX
0.055MAX
Taping Specification
PACKAGE
Q’TY/REEL
Q’TY/TUBE
TO-220
-----
50 ea
TO-263
1,000 ea
-----
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
e
L3
D
H
e1
b1
b
E
A
A1
C
A2
L2
L
L1
Feed D irection
TO -2 63 P a ck age O rientation
Feed D irection
TO -2 63 P a ck age O rientation


同様の部品番号 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41D GMT-G1085T41D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41T GMT-G1085T41T Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41U GMT-G1085T41U Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T42D GMT-G1085T42D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
More results

同様の説明 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com