データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABTH162827ADGG データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74ABTH162827ADGG
部品情報  20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH162827ADGG データシート(HTML) 4 Page - NXP Semiconductors

  74ABTH162827ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product specification
74ABT162827A
74ABTH162827A
20-bit buffer/line driver, non-inverting,
with 30
W termination resistors (3-State)
1998 Feb 27
4
SCHEMATIC OF Y OUTPUTS
VCC
GND
OUTPUT
SA00042
27
27
LOGIC DIAGRAM
nA0
nY0
nOE0
nA1
nY1
nA2
nY2
nA3
nY3
nA4
nY4
nA5
nY5
nA6
nY6
nA7
nY7
nA8
nY8
nA9
nY9
nOE1
SH00013
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +5.5
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
–64
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


同様の部品番号 - 74ABTH162827ADGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

同様の説明 - 74ABTH162827ADGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com