データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABTH16821A データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74ABTH16821A
部品情報  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16821A データシート(HTML) 3 Page - NXP Semiconductors

  74ABTH16821A Datasheet HTML 1Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 2Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 3Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 4Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 5Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 6Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 7Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 8Page - NXP Semiconductors 74ABTH16821A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 Feb 27
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
GND
VCC
GND
1Q7
1Q8
1Q9
2Q0
2Q1
2Q2
GND
2Q3
2Q4
2Q5
VCC
2Q6
2Q7
GND
2Q8
2Q9
2OE
1CP
1D0
1D1
GND
1D2
1D3
VCC
1D4
1D5
1D6
GND
1D7
1D8
1D9
2D0
2D1
2D2
GND
2D3
2D4
2D5
VCC
2D6
2D7
GND
2D8
2D9
2CP
SH00001
LOGIC SYMBOL
1D0 1D1 1D2 1D3 1D4 1D5 1D6
1D7
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6
1Q7
1D8
1D9
1Q8
1Q9
2D0 2D1 2D2 2D3 2D4 2D5 2D6
2D7
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6
2Q7
2D8
2D9
2Q8
2Q9
56
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00002
1CP
1OE
2CP
2OE
LOGIC SYMBOL (IEEE/IEC)
EN2
2
C1
EN4
C3
1D
4
3D
SH00003
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
1Q9
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2Q9
2OE
1CP
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
1D9
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2D9
2CP
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING
nOE
nCP
nDx
INTERNAL
REGISTER
nQ0 - nQ9
OPERATING
MODE
L
L
l
h
L
H
L
H
Load and read
register
L
X
NC
NC
Hold
H
H
X
Dn
NC
Dn
Z
Z
Disable
outputs
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High
clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High
clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low to High clock transition
↑ = Not a Low-to-High clock transition


同様の部品番号 - 74ABTH16821A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADL PHILIPS-74ABTH16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16827A PHILIPS-74ABTH16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABTH16827ADGG PHILIPS-74ABTH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

同様の説明 - 74ABTH16821A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com