データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFAF40 データシート(PDF) 1 Page - International Rectifier

部品番号 IRFAF40
部品情報  HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) 900V, N-CHANNEL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFAF40 データシート(HTML) 1 Page - International Rectifier

  IRFAF40 Datasheet HTML 1Page - International Rectifier IRFAF40 Datasheet HTML 2Page - International Rectifier IRFAF40 Datasheet HTML 3Page - International Rectifier IRFAF40 Datasheet HTML 4Page - International Rectifier IRFAF40 Datasheet HTML 5Page - International Rectifier IRFAF40 Datasheet HTML 6Page - International Rectifier IRFAF40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
4.3
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
2.7
IDM
Pulsed Drain Current ➀
17
PD @ TC = 25°C
Max. Power Dissipation
12 5
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
530
mJ
IAR
Avalanche Current ➀
4.3
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
1.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90581
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRFAF40
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
900V, N-CHANNEL
TO-3
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFAF40
900V
2.5
4.3Α
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page


同様の部品番号 - IRFAF40

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFAF30 IRF-IRFAF30 Datasheet
156Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
logo
Inchange Semiconductor ...
IRFAF30 ISC-IRFAF30 Datasheet
242Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFAF50 IRF-IRFAF50 Datasheet
147Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFAF50 IRF-IRFAF50 Datasheet
151Kb / 7P
   Simple Drive Requirements
IRFAF50 IRF-IRFAF50_15 Datasheet
151Kb / 7P
   Simple Drive Requirements
More results

同様の説明 - IRFAF40

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFAG30 IRF-IRFAG30 Datasheet
146Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAE50 IRF-IRFAE50 Datasheet
151Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAF30 IRF-IRFAF30 Datasheet
156Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAE30 IRF-IRFAE30 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF034 IRF-IRF034 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF230 IRF-IRF230 Datasheet
151Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC30 IRF-IRFAC30 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com