データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV1015XRX-25 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMV1015XRX-25
部品情報  Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1015XRX-25 データシート(HTML) 2 Page - National Semiconductor (TI)

  LMV1015XRX-25 Datasheet HTML 1Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 2Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 3Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 4Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 5Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 6Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 7Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 8Page - National Semiconductor (TI) LMV1015XRX-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2500V
Machine Model
250V
Supply Voltage
V
DD - GND
5.5V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 6)
150˚C max
Mounting Temperature
Infrared or Convection (20 sec.)
235˚C
Operating Ratings (Note 1)
Supply Voltage
2V to 5V
Operating Temperature Range
−40˚C to 85˚C
Thermal Resistance (
θ
JA)
368˚C/W
2.2V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 2.2V, VIN =18mVPP,RL = 2.2 k
Ω and C = 2.2 µF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
DD
Supply Current
V
IN = GND
LMV1015-15
180
300
325
µA
LMV1015-25
141
250
300
SNR
Signal to Noise Ratio
f = 1 kHz,
V
IN =18mVPP,
A-Weighted
LMV1015-15
60
dB
LMV1015-25
61
V
IN
Max Input Signal
f = 1 kHz and
THD+N < 1%
LMV1015-15
100
mV
PP
LMV1015-25
28
V
OUT
Output Voltage
V
IN = GND
LMV1015-15
1.54
1.48
1.81
1.94
2.00
V
LMV1015-25
1.65
1.49
1.90
2.02
2.18
f
LOW
Lower −3dB Roll Off Frequency
R
SOURCE =50
65
Hz
f
HIGH
Upper −3dB Roll Off Frequency
R
SOURCE =50
95
kHz
e
n
Output Noise
A-Weighted
LMV1015-15
−89
dBV
LMV1015-25
−82
THD
Total Harmonic Distortion
f = 1 kHz,
V
IN =18mVPP
LMV1015-15
0.09
%
LMV1015-25
0.15
C
IN
Input Capacitance
2pF
Z
IN
Input Impedance
>1000
G
A
V
Gain
f = 1 kHz,
R
SOURCE =50
LMV1015-15
14.0
13.1
15.6
16.9
17.5
dB
LMV1015-25
22.5
21.4
23.8
25.0
25.7
5V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 5V, VIN =18mVPP,RL = 2.2 k
Ω and C = 2.2 µF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
DD
Supply Current
V
IN = GND
LMV1015-15
200
300
325
µA
LMV1015-25
160
250
300
www.national.com
2


同様の部品番号 - LMV1015XRX-25

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
LMV1015UR-25/NOPB TI1-LMV1015UR-25/NOPB Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results

同様の説明 - LMV1015XRX-25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
   Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Mitsumi Electronics, Co...
MM1304 MITSUMI-MM1304 Datasheet
134Kb / 5P
   Variable Gain Amplifier (built-in Y LPF, C BPF) Monolithic IC MM1304
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com