データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS820V32T データシート(PDF) 3 Page - GSI Technology

部品番号 GS820V32T
部品情報  64K x 32 Burst
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820V32T データシート(HTML) 3 Page - GSI Technology

  GS820V32T Datasheet HTML 1Page - GSI Technology GS820V32T Datasheet HTML 2Page - GSI Technology GS820V32T Datasheet HTML 3Page - GSI Technology GS820V32T Datasheet HTML 4Page - GSI Technology GS820V32T Datasheet HTML 5Page - GSI Technology GS820V32T Datasheet HTML 6Page - GSI Technology GS820V32T Datasheet HTML 7Page - GSI Technology GS820V32T Datasheet HTML 8Page - GSI Technology GS820V32T Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 9/09/97
3/15
64K x 32 Burst
GS820V32Q/T
4/5/6, 2.5V I/O, 2.0mA
80-133MHz (P/L)
66MHz Flow-Thru
G S I T E C H N O L O G Y
GS820V32Q/T
Mode pin function
LBO
Function
L
Linear Burst
H or NC
Interleaved Burst
FT
Function
L
Flow-Thru
H or NC
Pipeline
Power down control
Note: There are pull up devices on LBO and FT pins and pull down device on ZZ pin, so those input pins can be unconnected and
the chip will operate in the default states as specified in the above tables.
ZZ
Function
L or NC
Active
H
Standby
IDD=ISB
Linear Burst sequence
The burst wrap around to initial state upon completion
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst sequence
The burst wrap around to initial state upon completion
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00
Byte Write Function
Note: H=logic high, L=logic low, NC= no connect
Function
SGW BWE BW1 BW2 BW3 BW4
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write all bytes
L
X
X
X
X
X
Write all bytes
H
L
L
L
L
L
Write byte 1
H
L
L
H
H
H
Write byte 2
H
L
H
L
H
H
Write byte 3
H
L
H
H
L
H
Write byte 4
H
L
H
H
H
L


同様の部品番号 - GS820V32T

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS820322T-138 ETC1-GS820322T-138 Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

同様の説明 - GS820V32T

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com