データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS880F18T-10I データシート(PDF) 5 Page - GSI Technology

部品番号 GS880F18T-10I
部品情報  512K x 18, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F18T-10I データシート(HTML) 5 Page - GSI Technology

  GS880F18T-10I Datasheet HTML 1Page - GSI Technology GS880F18T-10I Datasheet HTML 2Page - GSI Technology GS880F18T-10I Datasheet HTML 3Page - GSI Technology GS880F18T-10I Datasheet HTML 4Page - GSI Technology GS880F18T-10I Datasheet HTML 5Page - GSI Technology GS880F18T-10I Datasheet HTML 6Page - GSI Technology GS880F18T-10I Datasheet HTML 7Page - GSI Technology GS880F18T-10I Datasheet HTML 8Page - GSI Technology GS880F18T-10I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Rev: 1.03 3/2000
5/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
Preliminary
GS880F18/36T-10/11/11.5/12/14
TQFP Pin Description
Pin Location
Symbol
Type
Description
37, 36
A0, A1
I
Address field LSB’s and Address Counter preset Inputs
35, 34, 33, 32, 100, 99, 82, 81, 44, 45,
46, 47, 48, 49, 50, 43
A2-17
I
Address Inputs
80
A18
I
Address Inputs
63, 62, 59, 58, 57, 56, 53, 52
68, 69, 72, 73, 74, 75, 78, 79
13, 12, 9, 8, 7, 6, 3, 2
18, 19, 22, 23, 24, 25, 28, 29
DQA1-DQA8
DQB1-DQB8
DQC1-DQC8
DQD1-DQD8
I/O
Data Input and Output pins. (x32, x36 Version)
51, 80, 1, 30
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins.
51, 80, 1, 30
NC
-
No Connect (x32 Version)
58, 59, 62, 63, 68, 69, 72, 73, 74
8, 9, 12, 13, 18, 19, 22, 23, 24
DQA1-DQA9
DQB1- DQB9
I/O
Data Input and Output pins.
51, 52, 53, 56, 57
75, 78, 79,
1, 2, 3, 6, 7
25, 28, 29, 30
NC
-
No Connect
16
DP
I
Parity Input. 1 = Even, 0 = Odd.
66
QE
O
Parity Error Out. Open Drain Output.
87
BW
I
Byte Write. Writes all enabled bytes. Active Low.
93, 94
BA, BB
I
Byte Write Enable for DQA, DQB Data I/O’s. Active Low.
95, 96
BC, BD
I
Byte Write Enable for DQC, DQD Data I/O’s. Active Low. (x32, x36
Version)
95, 96
NC
-
No Connect (x18 Version)
89
CK
I
Clock Input Signal. Active High.
88
GW
I
Global Write Enable. Writes all bytes. Active Low.
98, 92
E1, E3
I
Chip Enable. Active Low.
97
E2
I
Chip Enable. Active High.
86
G
I
Output Enable. Active Low.
83
ADV
I
Burst address counter advance enable. Active Low.
84, 85
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller). Active Low.
64
ZZ
I
Sleep Mode control. Active High.
31
LBO
I
Linear Burst Order mode. Active Low.
15, 41, 65, 91
VDD
I
Core power supply.
5,10,17, 21, 26, 40, 55, 60, 67, 71, 76, 90
VSS
I
I/O and Core Ground.
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
I
Output driver power supply.
14, 16, 38, 39, 42, 66
NC
-
No Connect.


同様の部品番号 - GS880F18T-10I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT-5.5 GSI-GS880F18AT-5.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT-5.5I GSI-GS880F18AT-5.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT-6 GSI-GS880F18AT-6 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT-6.5 GSI-GS880F18AT-6.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
More results

同様の説明 - GS880F18T-10I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com