データシートサーチシステム |
|
GS880E32BGT-300 データシート(PDF) 10 Page - GSI Technology |
|
GS880E32BGT-300 データシート(HTML) 10 Page - GSI Technology |
10 / 28 page GS880E18/32/36BT-333/300/250/200/150 Rev: 1.02 10/2004 10/28 © 2001, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Simplified State Diagram First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R WR X X X CR R CW CR CR Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, and E3) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and assumes ADSP is tied high and ADV is tied low. |
同様の部品番号 - GS880E32BGT-300 |
|
同様の説明 - GS880E32BGT-300 |