データシートサーチシステム |
|
GS880F36BT-5I データシート(PDF) 8 Page - GSI Technology |
|
GS880F36BT-5I データシート(HTML) 8 Page - GSI Technology |
8 / 27 page GS880F18/32/36BT-4.5/5/5.5/6.5/7.5 Rev: 1.02 10/2004 8/27 © 2001, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x32 and x36 versions. Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Read H L HHHH 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H LLLLL 2, 3, 4 Write all bytes L XXXX X |
同様の部品番号 - GS880F36BT-5I |
|
同様の説明 - GS880F36BT-5I |