データシートサーチシステム |
|
GS880F32BGT-5.5I データシート(PDF) 11 Page - GSI Technology |
|
GS880F32BGT-5.5I データシート(HTML) 11 Page - GSI Technology |
11 / 27 page GS880F18/32/36BT-4.5/5/5.5/6.5/7.5 Rev: 1.02 10/2004 11/27 © 2001, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Simplified State Diagram with G First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from read cycles to write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles. 3. Transitions shown in grey tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. |
同様の部品番号 - GS880F32BGT-5.5I |
|
同様の説明 - GS880F32BGT-5.5I |