データシートサーチシステム |
|
GS8160EV18AT-333I データシート(PDF) 5 Page - GSI Technology |
|
GS8160EV18AT-333I データシート(HTML) 5 Page - GSI Technology |
5 / 24 page Rev: 1.00a 6/2003 5/24 © 2003, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS8160EV18/32/36AT-350/333/300/250/225/200/150 Preliminary TQFP Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins NC — No Connect BW IByte Write—Writes all enabled bytes; active low BA, BB, BC, BD I Byte Write Enable for DQA, DQB Data I/Os; active low CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E2 I Chip Enable; active high E3 I Chip Enable; active low G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high LBO I Linear Burst Order mode; active low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
同様の部品番号 - GS8160EV18AT-333I |
|
同様の説明 - GS8160EV18AT-333I |