データシートサーチシステム |
|
GS8160Z18T-200I データシート(PDF) 4 Page - GSI Technology |
|
GS8160Z18T-200I データシート(HTML) 4 Page - GSI Technology |
4 / 24 page GS8160Z18/36T-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.17 11/2004 4/24 © 1998, GSI Technology 100-Pin TQFP Pin Descriptions Symbol Type Description A0, A1 In Burst Address Inputs; Preload the burst counter A In Address Inputs CK In Clock Input Signal BA In Byte Write signal for data inputs DQA1-DQA9; active low BB In Byte Write signal for data inputs DQB1-DQB9; active low BC In Byte Write signal for data inputs DQC1-DQC9; active low BD In Byte Write signal for data inputs DQD1-DQD9; active low W In Write Enable; active low E1 In Chip Enable; active low E2 In Chip Enable; Active High. For self decoded depth expansion E3 In Chip Enable; Active Low. For self decoded depth expansion G In Output Enable; active low ADV In Advance/Load; Burst address counter control pin CKE In Clock Input Buffer Enable; active low NC — No Connect DQA I/O Byte A Data Input and Output pins DQB I/O Byte B Data Input and Output pins DQC I/O Byte C Data Input and Output pins DQD I/O Byte D Data Input and Output pins ZZ In Power down control; active high FT In Pipeline/Flow Through Mode Control; active low LBO In Linear Burst Order; active low VDD In Core power supply VSS In Ground VDDQ In Output driver power supply |
同様の部品番号 - GS8160Z18T-200I |
|
同様の説明 - GS8160Z18T-200I |