データシートサーチシステム |
|
GS8162Z72C-150 データシート(PDF) 7 Page - GSI Technology |
|
GS8162Z72C-150 データシート(HTML) 7 Page - GSI Technology |
7 / 31 page GS8162Z72C Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.22 11/2005 7/31 © 1999, GSI Technology Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipelined and Flow through Read/Write Control State Diagram W R Pipelined and Flow Through Read Write Control State Diagram |
同様の部品番号 - GS8162Z72C-150 |
|
同様の説明 - GS8162Z72C-150 |