データシートサーチシステム |
|
STG3699BVTR データシート(PDF) 7 Page - STMicroelectronics |
|
STG3699BVTR データシート(HTML) 7 Page - STMicroelectronics |
7 / 19 page STG3699B 3 DC and AC Parameters 7/19 Note: 1 ∆R ON = RON(Max) – RON(Min) 2 Flatness is defined as the difference between the maximum and minimum value of on- resistance as measured over the specified analog signal ranges. IOFF OFF State Leakage Current (nSn), (Dn) 4.3 VS=0.3 or 4V ±20 ± 100 nA IIN Input Leakage Current 0 - 4.3 VIN= 0 to 4.3V ±0.1 ± 1 µA ICC Quiescent Supply Current 1.65-4.3 VIN=VCC or GND ±0.05 ±0.2 ±1 µA ICCLV Quiescent Supply Current Low Voltage Driving 4.3 V1-2IN, V3-4IN = 1.65V ±37 ±50 ±100 µA V1-2IN, V3-4IN = 1.80V ±33 ±40 ±50 V1-2IN, V3-4IN = 2.60V ±12 ±20 ±30 Table 5. DC Specification Symbol Parameter Test Conditions Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. |
同様の部品番号 - STG3699BVTR |
|
同様の説明 - STG3699BVTR |