データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT2953 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ABT2953
部品情報  Octal registered transceiver, inverting 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2953 データシート(HTML) 5 Page - NXP Semiconductors

  74ABT2953 Datasheet HTML 1Page - NXP Semiconductors 74ABT2953 Datasheet HTML 2Page - NXP Semiconductors 74ABT2953 Datasheet HTML 3Page - NXP Semiconductors 74ABT2953 Datasheet HTML 4Page - NXP Semiconductors 74ABT2953 Datasheet HTML 5Page - NXP Semiconductors 74ABT2953 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
74ABT2953
Octal registered transceiver, inverting (3-State)
1995 Sep 06
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
150
200
150
MHz
tPLH
tPHL
Propagation delay
CPBA to An, CPAB to Bn
1
2.0
2.5
5.1
5.7
6.6
7.2
2.0
2.5
7.6
8.2
ns
tPZH
tPZL
Output enable time
OEBA to An, OEAB to Bn
3
4
1.0
2.2
4.0
5.3
4.8
6.2
1.0
2.2
5.8
7.5
ns
tPHZ
tPLZ
Output disable time
OEBA to An, OEAB to Bn
3
4
2.0
1.5
6.1
5.6
7.6
7.1
2.0
1.5
8.1
7.6
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
tS(H)
ts(L)
Setup time
An to CPAB or Bn to CPBA
2
4.0
3.0
2.5
1.1
4.0
3.0
ns
th(H)
th(L)
Hold time
An to CPAB or Bn to CPBA
2
0.0
0.0
–1.0
–2.0
0.0
0.0
ns
ts(H)
ts(L)
Setup time
CEAB to CPAB, CEBA to CPBA
2
3.5
2.5
2.0
0.9
3.5
2.5
ns
th(H)
th(L)
Hold time
CEAB to CPAB, CEBA to CPBA
2
0.0
0.0
–0.5
–1.0
0.0
0.0
ns
tw(H)
tw(L)
CPAB or CPBA pulse width,
High or Low
1
3.0
3.5
2.0
1.1
3.0
3.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
CPBA or
CPAB
An or Bn
SA00087
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
OEAB,
OEBA
VM
tPZH
tPHZ
0V
VOH –0.3V
An, Bn
VM
VM
SA00310
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
An, Bn
CEAB,
CEBA
VM
VM
VM
VM
VM
CPAB,
CPBA
ts(H)
th(H)
ts(L)
th(L)
SA00309
Waveform 2. Data Setup and Hold Times
OEAB,
OEBA
tPZL
tPLZ
0V
VOL +0.3V
An, Bn
VM
VM
VM
SA00311
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


同様の部品番号 - 74ABT2953

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CMSA FAIRCHILD-74ABT2952CMSA Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CMTC FAIRCHILD-74ABT2952CMTC Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CSC FAIRCHILD-74ABT2952CSC Datasheet
93Kb / 8P
   Octal Registered Transceiver
More results

同様の説明 - 74ABT2953

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
logo
NXP Semiconductors
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
   Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com