データシートサーチシステム |
|
GS8180D18GD-250 データシート(PDF) 3 Page - GSI Technology |
|
GS8180D18GD-250 データシート(HTML) 3 Page - GSI Technology |
3 / 28 page Pin Description Table Symbol Description Type Comments SA Synchronous Address Inputs Input — NC No Connect — — R Synchronous Read Input Active Low W Synchronous Write Input Active Low BW0–BW1 Synchronous Byte Writes Input Active Low K Input Clock Input Active High K Input Clock Input Active Low C Output Clock Input Active High C Output Clock Input Active Low TMS Test Mode Select Input — TDI Test Data Input Input — TCK Test Clock Input Input — TDO Test Data Output Output — VREF HSTL Input Reference Voltage Input — ZQ Output Impedance Matching Input Input — MCL Must Connect Low — — D0–D17 Synchronous Data Inputs Input — Q0–Q17 Synchronous Data Outputs Output — VDD Power Supply Supply 1.8 V Nominal VDDQ Isolated Output Buffer Supply Supply 1.8 or 1.5 V Nominal VSS Power Supply: Ground Supply — GS8180D18D-250/200/167/133/100 Rev: 2.04 4/2005 3/28 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Note: NC = Not Connected to die or any other pin Background Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are needed. Therefore, the SigmaQuad SRAM interface and truth table are optimized for alternating reads and writes. Separate I/O SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from Separate I/O SRAMs can cut the RAM’s bandwidth in half. A SigmaQuad SRAM can begin an alternating sequence of reads and writes with either a read or a write. In order for any separate I/O SRAM that shares a common address between its two ports to keep both ports running all the time, the RAM must implement some sort of burst transfer protocol. The burst must be at least long enough to cover the time the opposite port is receiving instructions on what to do next. The rate at which a RAM can accept a new random address is the most fundamental performance metric for the RAM. Each of the three SigmaQuad SRAMs support similar address rates because random address rate is determined by the internal performance of the RAM and they are all based on the same internal circuits. Differences between the truth tables of the different SigmaQuad SRAMs, or any other Separate I/O SRAMs, follow from differences in how the RAM’s |
同様の部品番号 - GS8180D18GD-250 |
|
同様の説明 - GS8180D18GD-250 |