データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8180D18GD-200I データシート(PDF) 5 Page - GSI Technology

部品番号 GS8180D18GD-200I
部品情報  18Mb Burst of 4 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180D18GD-200I データシート(HTML) 5 Page - GSI Technology

  GS8180D18GD-200I Datasheet HTML 1Page - GSI Technology GS8180D18GD-200I Datasheet HTML 2Page - GSI Technology GS8180D18GD-200I Datasheet HTML 3Page - GSI Technology GS8180D18GD-200I Datasheet HTML 4Page - GSI Technology GS8180D18GD-200I Datasheet HTML 5Page - GSI Technology GS8180D18GD-200I Datasheet HTML 6Page - GSI Technology GS8180D18GD-200I Datasheet HTML 7Page - GSI Technology GS8180D18GD-200I Datasheet HTML 8Page - GSI Technology GS8180D18GD-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GS8180D18D-250/200/167/133/100
Rev: 2.04 4/2005
5/28
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Burst of 4 SigmaQuad SRAM DDR Write
The status of the Address Input, W, and R pins are sampled at each rising edge of K. W and R high causes chip disable. A low on
the Write Enable-bar pin, W, and a high on the Read Enable-bar pin, R, begins a write cycle. W is always ignored if the previous
command was a write command. Data is clocked in by the next rising edge of K, the rising edge of K after that, the next rising edge
of K, and finally by the next rising edge of K.
Burst of 4 Double Data Rate SigmaQuad SRAM Write First
Write A
NOP
Write B
Read C
NOP
Read D
NOP
A
B
C
D
B+3
A
A+1
A+2
A+3
B
B+1
B+2
B+3
C
C+1
C+2
C+3
D
K
Kbar
Address
Rbar
Wbar
BWx bar
D
C
Cbar
Q
Special Functions
Byte Write Control
Byte Write Enable pins are sampled at the same time that Data In is sampled. A high on the Byte Write Enable pin associated with
a particular byte (e.g., BW0 controls D0–D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be
stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven high or low
during the data in sample times in a write sequence.
Each write enable command and write address loaded into the RAM provides the base address for a 4 beat data transfer. The x18
version of the RAM, for example, may write 72 bits in association with each address loaded. Any 9-bit byte may be masked in any
write sequence.


同様の部品番号 - GS8180D18GD-200I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100 GSI-GS8180DV18D-100 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-100I GSI-GS8180DV18D-100I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133 GSI-GS8180DV18D-133 Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D-133I GSI-GS8180DV18D-133I Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
More results

同様の説明 - GS8180D18GD-200I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com