データシートサーチシステム |
|
GS8322ZV18B-133 データシート(PDF) 10 Page - GSI Technology |
|
GS8322ZV18B-133 データシート(HTML) 10 Page - GSI Technology |
10 / 39 page GS8322ZV18(B/E)/GS8322ZV36(B/E)/GS8322ZV72(C) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03a 2/2006 10/39 © 2002, GSI Technology GS8322ZV18/36E 165-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs An I Address Inputs A18 I Address Input DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high CKE I Clock Enable; active low W I Write Enable; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high FT I Flow Through / Pipeline Mode Control G I Output Enable; active low ADV I Burst address counter advance enable; active high ZQ I FLXDrive Output Impedance Control Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) ZZ I Sleep mode control; active high LBO I Linear Burst Order mode; active low TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock MCH — Must Connect High VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
同様の部品番号 - GS8322ZV18B-133 |
|
同様の説明 - GS8322ZV18B-133 |