データシートサーチシステム |
|
GS8640Z36T-250V データシート(PDF) 8 Page - GSI Technology |
|
GS8640Z36T-250V データシート(HTML) 8 Page - GSI Technology |
8 / 22 page GS8640Z18/36T-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 6/2006 8/22 © 2004, GSI Technology Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes ,as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline and Flow Through Read/Write Control State Diagram W R Pipeline and Flow Through Read Write Control State Diagram |
同様の部品番号 - GS8640Z36T-250V |
|
同様の説明 - GS8640Z36T-250V |