データシートサーチシステム |
|
GS81032AT-5 データシート(PDF) 8 Page - GSI Technology |
|
GS81032AT-5 データシート(HTML) 8 Page - GSI Technology |
8 / 23 page Rev: 1.01 7/2001 8/23 © 2000, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS81032AT/Q-150/138/133/117/100/66 First Write First Read Burst Write Burst Read Deselect R W CR CW X X W R R W R X X X CR R CW CR CR W CW W CW Simplified State Diagram with G Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (read cycles with G high) may be used to make the transition from read cycles to write cycles without passing through a Deselect cycle. Dummy read cycles increment the address counter just like normal read cycles. 3. Transitions shown in gray tone assume G has been pulsed high long enough to turn the RAM’s drivers off, and for incoming data to meet Data Input Set Up Time. |
同様の部品番号 - GS81032AT-5 |
|
同様の説明 - GS81032AT-5 |