データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT544D データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ABT544D
部品情報  Octal latched transceiver with dual enable, inverting 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544D データシート(HTML) 7 Page - NXP Semiconductors

  74ABT544D Datasheet HTML 1Page - NXP Semiconductors 74ABT544D Datasheet HTML 2Page - NXP Semiconductors 74ABT544D Datasheet HTML 3Page - NXP Semiconductors 74ABT544D Datasheet HTML 4Page - NXP Semiconductors 74ABT544D Datasheet HTML 5Page - NXP Semiconductors 74ABT544D Datasheet HTML 6Page - NXP Semiconductors 74ABT544D Datasheet HTML 7Page - NXP Semiconductors 74ABT544D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9397 750 14756
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2005
7 of 19
Philips Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
10. Static characteristics
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIK
input diode voltage
VCC = 4.5 V; IIK = −18 mA
-
−0.9
−1.2
V
VOH
HIGH-level output voltage
VCC = 4.5 V; VI = VIL or VIH
IOH = −3 mA
2.5
3.2
-
V
IOH = −32 mA
2.0
2.3
-
V
VCC = 5.0 V; VI = VIL or VIH
IOH = −3 mA
3.0
3.7
-
V
VOL
LOW-level output voltage
VCC = 4.5 V; IOL = 64 mA; VI = VIL or VIH
-
0.42
0.55
V
VRST
restart LOW-level output voltage VCC = 5.5 V; IO = 1 mA; VI = GND or VCC
[1] -
0.13
0.55
V
ILI
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
control pins
-
±0.01 ±1.0
µA
data pins
-
±5
±100
µA
IOFF
power-down leakage current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0
±100
µA
IPU, IPD
power-up or power-down 3-state
output current
VCC = 2.1 V; VO = 0.5 V; VI = GND or VCC;
VOExx = don’t care
[2] -
±5.0
±50
µA
IOZ
3-state output current
VCC = 5.5 V; VI = VIL or VIH
output HIGH-state at VO = 2.7 V
-
5.0
50
µA
output LOW-state at VO = 0.5 V
-
−5.0
−50
µA
ICEX
output HIGH-state leakage
current
VCC = 5.5 V; VO = 5.5 V; VI = GND or VCC
-
5.0
50
µA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[3]
−50
−65
−180
mA
ICC
quiescent supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
110
250
µA
outputs LOW-state
-
20
30
mA
outputs 3-state
-
110
250
µA
∆ICC
additional supply current per
input pin
VCC = 5.5 V; one input at 3.4 V and other
inputs at VCC or GND; VCC = 5.5 V
[4] -
0.3
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-4
-pF
CI/O
I/O capacitance
outputs disabled; VO = 0 V or VCC
-7
-pF
Tamb = −40 °C to +85 °C
VIK
input diode voltage
VCC = 4.5 V; IIK = −18 mA
-
-
−1.2
V
VOH
HIGH-level output voltage
VCC = 4.5 V; VI = VIL or VIH
IOH = −3 mA
2.5
-
-
V
IOH = −32 mA
2.0
-
-
V
VCC = 5.0 V; VI = VIL or VIH
IOH = −3 mA
3.0
-
-
V
VOL
LOW-level output voltage
VCC = 4.5 V; IOL = 64 mA; VI = VIL or VIH
-
-
0.55
V
VRST
restart LOW-level output voltage VCC = 5.5 V; IO = 1 mA; VI = GND or VCC
[1] -
-
0.55
V


同様の部品番号 - 74ABT544D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544D PHILIPS-74ABT544D Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544D NXP-74ABT544D Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544DB NXP-74ABT544DB Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
More results

同様の説明 - 74ABT544D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com