データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8662T36GE-300 データシート(PDF) 6 Page - GSI Technology

部品番号 GS8662T36GE-300
部品情報  72Mb SigmaCIO DDR-II Burst of 2 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662T36GE-300 データシート(HTML) 6 Page - GSI Technology

Back Button GS8662T36GE-300 Datasheet HTML 2Page - GSI Technology GS8662T36GE-300 Datasheet HTML 3Page - GSI Technology GS8662T36GE-300 Datasheet HTML 4Page - GSI Technology GS8662T36GE-300 Datasheet HTML 5Page - GSI Technology GS8662T36GE-300 Datasheet HTML 6Page - GSI Technology GS8662T36GE-300 Datasheet HTML 7Page - GSI Technology GS8662T36GE-300 Datasheet HTML 8Page - GSI Technology GS8662T36GE-300 Datasheet HTML 9Page - GSI Technology GS8662T36GE-300 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
NC
No Connect
R
Synchronous Read
Input
Active High
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x18/x36 only
NW0–NW1
Nybble Write Control Pin
Input
Active Low
x8 only
LD
Synchronous Load Pin
Input
Active Low
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
C
Output Clock
Input
Active High
C
Output Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
MCL
Must Connect Low
DQ
Data I/O
Input/Output
Three State
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 V Nominal
VSS
Power Supply: Ground
Supply
Preliminary
GS8662T08/09/18/36E-333/300/267*/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 9/2005
6/37
© 2005, GSI Technology
Note:
NC = Not Connected to die or any other pin


同様の部品番号 - GS8662T36GE-300

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
More results

同様の説明 - GS8662T36GE-300

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8342T08E GSI-GS8342T08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8662S08 GSI-GS8662S08 Datasheet
1Mb / 35P
   72Mb SigmaSIOTM DDR -II Burst of 2 SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342R08E GSI-GS8342R08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662TT20 GSI-GS8662TT20 Datasheet
443Kb / 31P
   72Mb SigmaDDRTM-II Burst of 2 SRAM
GS8662Q08E GSI-GS8662Q08E Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q37BD-333 GSI-GS8662Q37BD-333 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q19BD-357 GSI-GS8662Q19BD-357 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q19BGD-250I GSI-GS8662Q19BGD-250I Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com