データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT623DB データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ABT623DB
部品情報  Octal transceiver with dual enable, non-inverting; 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT623DB データシート(HTML) 5 Page - NXP Semiconductors

  74ABT623DB Datasheet HTML 1Page - NXP Semiconductors 74ABT623DB Datasheet HTML 2Page - NXP Semiconductors 74ABT623DB Datasheet HTML 3Page - NXP Semiconductors 74ABT623DB Datasheet HTML 4Page - NXP Semiconductors 74ABT623DB Datasheet HTML 5Page - NXP Semiconductors 74ABT623DB Datasheet HTML 6Page - NXP Semiconductors 74ABT623DB Datasheet HTML 7Page - NXP Semiconductors 74ABT623DB Datasheet HTML 8Page - NXP Semiconductors 74ABT623DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT623
Octal transceiver with dual enable, non-inverting
(3-State)
1998 Jan 16
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
2.6
2.7
4.1
4.2
1.0
1.0
4.6
4.6
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.7
1.7
3.4
4.8
6.5
6.5
1.7
1.7
7.5
7.5
ns
tPHZ
tPLZ
Output disable time
to High and Low level
2
1.7
1.7
3.6
3.1
6.5
6.5
1.7
1.7
7.5
7.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An or Bn
INPUT
VM
VM
Bn or An
OUTPUT
VM
VM
tPHL
tPLH
SA00192
Waveform 1. Waveforms Showing the Input to Output
Propagation Delays
OEBA
INPUT
VM
VM
tPZH
tPHZ
VOH
VM
VM
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
OEAB
INPUT
An or Bn
OUTPUT
An or Bn
OUTPUT
SA00193
Waveform 2. Waveforms Showing the 3-State Output Enable
and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


同様の部品番号 - 74ABT623DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT623DB NXP-74ABT623DB Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results

同様の説明 - 74ABT623DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
   Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com