データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT623PW データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74ABT623PW
部品情報  Octal transceiver with dual enable, non-inverting; 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT623PW データシート(HTML) 2 Page - NXP Semiconductors

  74ABT623PW Datasheet HTML 1Page - NXP Semiconductors 74ABT623PW Datasheet HTML 2Page - NXP Semiconductors 74ABT623PW Datasheet HTML 3Page - NXP Semiconductors 74ABT623PW Datasheet HTML 4Page - NXP Semiconductors 74ABT623PW Datasheet HTML 5Page - NXP Semiconductors 74ABT623PW Datasheet HTML 6Page - NXP Semiconductors 74ABT623PW Datasheet HTML 7Page - NXP Semiconductors 74ABT623PW Datasheet HTML 8Page - NXP Semiconductors 74ABT623PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT623
Octal transceiver with dual enable, non-inverting
(3-State)
2
1998 Jan 16
853–1459 18866
FEATURES
Octal bidirectional bus interface
3-State buffers
Power-up 3-State
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT623 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT623 device is an octal transceiver featuring non–inverting
3-State bus compatible outputs in both send and receive directions.
The 74ABT623 is designed for asynchronous two-way
communication between data buses. The control function
implementation allows for maximum flexibility in timing. This device
allows data transmission from the A bus to the B bus or from the B
bus to the A bus, depending upon the logic levels at the Enable
inputs (OEBA and OEAB). The Enable inputs can be used to disable
the device so that the buses are effectively isolated.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
2.6
2.7
ns
CIN
Input capacitance
OEAB, OEBA
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT623 N
74ABT623 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT623 D
74ABT623 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT623 DB
74ABT623 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT623 PW
74ABT623PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OEBA
B0
B1
B2
B3
B4
B5
B6
B7
SA00189
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
Output enable input, A side to B
side (active-High)
2, 3, 4, 5,
6, 7, 8, 9
A0 – A7
Data inputs/outputs (A side)
18, 17, 16, 15,
14, 13, 12, 11
B0 – B7
Data inputs/outputs (B side)
19
OEBA
Output enable input, B side to A
side (active-Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


同様の部品番号 - 74ABT623PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT623PW NXP-74ABT623PW Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
More results

同様の説明 - 74ABT623PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
   Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com