データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS832436C-166 データシート(PDF) 1 Page - GSI Technology

部品番号 GS832436C-166
部品情報  2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832436C-166 データシート(HTML) 1 Page - GSI Technology

  GS832436C-166 Datasheet HTML 1Page - GSI Technology GS832436C-166 Datasheet HTML 2Page - GSI Technology GS832436C-166 Datasheet HTML 3Page - GSI Technology GS832436C-166 Datasheet HTML 4Page - GSI Technology GS832436C-166 Datasheet HTML 5Page - GSI Technology GS832436C-166 Datasheet HTML 6Page - GSI Technology GS832436C-166 Datasheet HTML 7Page - GSI Technology GS832436C-166 Datasheet HTML 8Page - GSI Technology GS832436C-166 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Rev: 1.00 10/2001
1/46
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
ByteSafe is a Trademark of Giga Semiconductor, Inc. (GSI Technology).
Preliminary
GS832418(B/C)/GS832436(B/C)/GS832472(C)
2M x 18, 1M x 36, 512K x 72
36Mb S/DCD Sync Burst SRAMs
250 MHz–133MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
119- and 209-Pin BGA
Commercial Temp
Industrial Temp
Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable (x36 and x72)
• Dual Cycle Deselect only (x18)
• IEEE 1149.1 JTAG-compatible Boundary Scan
• ZQ mode pin for user-selectable high/low output drive
• 2.5 V or 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x36/x72 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 119- and 209-bump BGA package
Functional Description
Applications
The GS832418/36/72 is a 37,748,736-bit high performance 2-die
synchronous SRAM module with a 2-bit burst address counter.
Although of a type originally developed for Level 2 Cache
applications supporting high performance CPUs, the device now
finds application in synchronous SRAM applications, ranging
from DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control
inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW,
GW) are synchronous and are controlled by a positive-edge-
triggered clock input (CK). Output enable (G) and power down
control (ZZ) are asynchronous inputs. Burst cycles can be initiated
with either ADSP or ADSC inputs. In Burst mode, subsequent
burst addresses are generated internally and are controlled by
ADV. The burst address counter may be configured to count in
either linear or interleave order with the Linear Burst Order (LBO)
input. The Burst function need not be used. New addresses can be
loaded on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the
user via the FT mode . Holding the FT mode pin low places the
RAM in Flow Through mode, causing output data to bypass the
Data Output Register. Holding FT high places the RAM in
Pipeline mode, activating the rising-edge-triggered Data Output
Register.
SCD and DCD Pipelined Reads
The GS832436(B/C) and the GS832472(C) are SCD (Single
Cycle Deselect) and DCD (Dual Cycle Deselect) pipelined
synchronous SRAMs. The GS832418(B/C) is a DCD-only
SRAM. DCD SRAMs pipeline disable commands to the same
degree as read commands. SCD SRAMs pipeline deselect
commands one stage less than read commands. SCD RAMs begin
turning off their outputs immediately after the deselect command
has been captured in the input registers. DCD RAMs hold the
deselect command for one full cycle and then begin turning off
their outputs just after the second rising edge of clock. The user
may configure the x36 or x72 versions of this SRAM for either
mode of operation using the SCD mode input.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write control
inputs.
FLXDrive™
The ZQ pin allows selection between high drive strength (ZQ low)
for multi-drop bus applications and normal drive strength (ZQ
floating or high) point-to-point applications. See the Output Driver
Characteristics chart for details.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High)
of the ZZ signal, or by stopping the clock (CK). Memory data is
retained during Sleep mode.
Core and Interface Voltages
The GS832418/36/72 operates on a 2.5 V or 3.3 V power supply.
All input are 3.3 V and 2.5 V compatible. Separate output power
(VDDQ) pins are used to decouple output noise from the internal
circuits and are 3.3 V and 2.5 V compatible.
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.3
4.0
2.5
4.4
3.0
5.0
3.5
6.0
3.8
6.6
4.0
7.5
ns
ns
3.3 V
Curr (x18)
Curr (x36)
Curr (x72)
365
560
660
335
510
600
305
460
540
265
400
460
245
370
430
215
330
380
mA
mA
mA
2.5 V
Curr (x18)
Curr (x36)
Curr (x72)
360
550
640
330
500
590
305
460
530
260
390
450
240
360
420
215
330
370
mA
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
6.0
7.0
6.5
7.5
7.5
8.5
8.5
10
10
10
11
15
ns
ns
3.3 V
Curr (x18)
Curr (x36)
Curr (x72)
235
300
350
230
300
350
210
270
300
200
270
300
195
270
300
150
200
220
mA
mA
mA
2.5 V
Curr (x18)
Curr (x36)
Curr (x72)
235
300
340
230
300
340
210
270
300
200
270
300
195
270
300
145
190
220
mA
mA
mA


同様の部品番号 - GS832436C-166

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133 GSI-GS8324Z18B-133 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133I GSI-GS8324Z18B-133I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150 GSI-GS8324Z18B-150 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150I GSI-GS8324Z18B-150I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
More results

同様の説明 - GS832436C-166

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com