データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT841 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74ABT841
部品情報  10-bit bus interface latch 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT841 データシート(HTML) 6 Page - NXP Semiconductors

  74ABT841 Datasheet HTML 1Page - NXP Semiconductors 74ABT841 Datasheet HTML 2Page - NXP Semiconductors 74ABT841 Datasheet HTML 3Page - NXP Semiconductors 74ABT841 Datasheet HTML 4Page - NXP Semiconductors 74ABT841 Datasheet HTML 5Page - NXP Semiconductors 74ABT841 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
74ABT841
10-bit bus interface latch (3-State)
6
1995 Sep 06
TEST CIRCUIT AND WAVEFORM
PULSE
GENERATOR
RT
VIN
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ABT
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SA00012
D.U.T.


同様の部品番号 - 74ABT841

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841D NXP-74ABT841D Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841DB NXP-74ABT841DB Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841PW NXP-74ABT841PW Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
More results

同様の説明 - 74ABT841

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com